Part Number Hot Search : 
0F201 74HC911 MBRF3010 RMPA0966 AWU6602 LTC34 PCF858 CMX208S1
Product Description
Full Text Search
 

To Download ICM7555CBA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ICM7555, ICM7556
Data Sheet November 2002 FN2867.6
General Purpose Timers
The ICM7555 and ICM7556 are CMOS RC timers providing significantly improved performance over the standard SE/NE555/6 and 355 timers, while at the same time being direct replacements for those devices in most applications. Improved parameters include low supply current, wide operating supply voltage range, low THRESHOLD, TRIGGER and RESET currents, no crowbarring of the supply current during output transitions, higher frequency performance and no requirement to decouple CONTROL VOLTAGE for stable operation. Specifically, the ICM7555 and ICM7556 are stable controllers capable of producing accurate time delays or frequencies. The ICM7556 is a dual ICM7555, with the two timers operating independently of each other, sharing only V+ and GND. In the one shot mode, the pulse width of each circuit is precisely controlled by one external resistor and capacitor. For astable operation as an oscillator, the free running frequency and the duty cycle are both accurately controlled by two external resistors and one capacitor. Unlike the regular bipolar 555/6 devices, the CONTROL VOLTAGE terminal need not be decoupled with a capacitor. The circuits are triggered and reset on falling (negative) waveforms, and the output inverter can source or sink currents large enough to drive TTL loads, or provide minimal offsets to drive CMOS loads.
Features
* Exact Equivalent in Most Cases for SE/NE555/556 or TLC555/556 * Low Supply Current - ICM7555 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60A - ICM7556 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120A * Extremely Low Input Currents . . . . . . . . . . . . . . . . . 20pA * High Speed Operation . . . . . . . . . . . . . . . . . . . . . . . 1MHz * Guaranteed Supply Voltage Range . . . . . . . . . 2V to 18V * Temperature Stability . . . . . . . . . . . . 0.005%/oC at 25oC * Normal Reset Function - No Crowbarring of Supply During Output Transition * Can be Used with Higher Impedance Timing Elements than Regular 555/6 for Longer RC Time Constants * Timing from Microseconds through Hours * Operates in Both Astable and Monostable Modes * Adjustable Duty Cycle * High Output Source/Sink Driver can Drive TTL/CMOS * Outputs have Very Low Offsets, HI and LO
Ordering Information
PART NUMBER TEMP. RANGE(oC) PACKAGE PKG. NO.
ICM7555CBA (7555CBA) ICM7555IBA (7555IBA) ICM7555IPA ICM7556IPD ICM7556MJD
0 to 70 -25 to 85 -25 to 85 -25 to 85
8 Ld SOIC 8 Ld SOIC 8 Ld PDIP 14 Ld PDIP
M8.15 M8.15 E8.3 E14.3 F14.3
Applications
* Precision Timing * Pulse Generation * Sequential Timing * Time Delay Generation * Pulse Width Modulation * Pulse Position Modulation * Missing Pulse Detector
-55 to 125 14 Ld CERDIP
Pinouts
ICM7555 (PDIP, SOIC) TOP VIEW ICM7556 (PDIP, CERDIP) TOP VIEW
DISCHARGE 1 GND 1 TRIGGER 2 OUTPUT 3 RESET 4 8 VDD 7 DISCHARGE 6 THRESHOLD 5 CONTROL VOLTAGE OUTPUT 5 TRIGGER 6 GND 7 THRESH2 OLD CONTROL 3 VOLTAGE RESET 4 14 VDD 13 DISCHARGE 12 THRESHOLD 11 CONTROL VOLTAGE 10 RESET 9 OUTPUT 8 TRIGGER
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ICM7555, ICM7556
Absolute Maximum Ratings
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V Input Voltage Trigger, Control Voltage, Threshold, Reset (Note 1) . . . . . . . . . . . . . . . . . . . . . V+ +0.3V to GND -0.3V Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Information
Thermal Resistance (Typical, Note 2) JA (oC/W) JC (oC/W) 14 Lead CERDIP Package . . . . . . . . . 80 24 14 Lead PDIP Package . . . . . . . . . . . . 115 N/A 8 Lead PDIP Package . . . . . . . . . . . . . 130 N/A 8 Lead SOIC Package. . . . . . . . . . . . . 170 N/A Maximum Junction Temperature (Hermetic Package) . . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range ICM7555C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC ICM7555I, ICM7556I . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC ICM7556M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater than V+ +0.3V or less than V- -0.3V may cause destructive latchup. For this reason it is recommended that no inputs from external sources not operating from the same power supply be applied to the device before its power supply is established. In multiple supply systems, the supply of the ICM7555/6 must be turned on first. 2. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details.
Electrical Specifications
Applies to ICM7555 and ICM7556, Unless Otherwise Specified TA = 25oC (NOTE 4) -55oC TO 125oC MAX 200 300 400 600 71 36 10 10 71 1.0 MIN 858 1717 61 27 61 0.2 TYP 150 200 250 0.5 150 200 250 0.5 MAX 300 300 600 600 1161 2323 72 37 50 50 72 1.2 UNITS A A A A % s ppm/oC ppm/oC ppm/oC %/V % s ppm/oC ppm/oC ppm/oC %/V % VDD % VDD nA nA % VDD V
PARAMETER Static Supply Current
SYMBOL IDD ICM7555
TEST CONDITIONS VDD = 5V VDD = 15V ICM7556 VDD = 5V VDD = 15V
MIN -
TYP 40 60 80 120 2 0.5 2 0.5 67 32 67 -
Monostable Timing Accuracy
RA = 10K, C = 0.1F, VDD = 5V
Drift with Temperature (Note 3)
VDD = 5V VDD = 10V VDD = 15V
-
Drift with Supply (Note 3) Astable Timing Accuracy
VDD = 5V to 15V RA = RB = 10K, C = 0.1F, VDD = 5V
Drift with Temperature (Note 3)
VDD = 5V VDD = 10V VDD = 15V
62 28 62 0.4
Drift with Supply (Note 3) Threshold Voltage Trigger Voltage Trigger Current Threshold Current Control Voltage Reset Voltage VTH VTRIG ITRIG ITH VCV VRST
VDD = 5V to 15V VDD = 15V VDD = 15V VDD = 15V VDD = 15V VDD = 15V VDD = 2V to 15V
2
ICM7555, ICM7556
Electrical Specifications
Applies to ICM7555 and ICM7556, Unless Otherwise Specified TA = 25oC PARAMETER Reset Current Discharge Leakage Output Voltage SYMBOL IRST IDIS VOL TEST CONDITIONS VDD = 15V VDD = 15V VDD = 15V, ISINK = 20mA VDD = 5V, ISINK = 3.2mA VOH VDD = 15V, ISOURCE = 0.8mA VDD = 5V, ISOURCE = 0.8mA Discharge Output Voltage VDIS VDD = 5V, ISINK = 15mA VDD = 15V, ISINK = 15mA Supply Voltage (Note 3) Output Rise Time (Note 3) Output Fall Time (Note 3) Oscillator Frequency (Note 3) VDD tR tF fMAX Functional Operation RL = 10M, CL = 10pF, VDD = 5V RL = 10M, CL = 10pF, VDD = 5V VDD = 5V, RA = 470, RB = 270, C = 200pF MIN 14.3 4.0 2.0 TYP 0.4 0.2 14.6 4.3 0.2 75 75 1 MAX 10 10 1.0 0.4 0.4 18.0 (NOTE 4) -55oC TO 125oC MIN 14.2 3.8 3.0 TYP MAX 50 50 1.25 0.5 0.6 0.4 16.0 UNITS nA nA V V V V V V V ns ns MHz
NOTES: 3. These parameters are based upon characterization data and are not tested. 4. Applies only to military temperature range product (M suffix).
Functional Diagram
VDD 8 R THRESHOLD 6 5 CONTROL VOLTAGE R + TRIGGER 2 R 1 COMPARATOR A + 4 FLIP-FLOP RESET
OUTPUT DRIVERS
OUTPUT
7 n
3 DISCHARGE
COMPARATOR B 1 GND
NOTE:
This functional diagram reduces the circuitry down to its simplest equivalent components. Tie down unused inputs. TRUTH TABLE
THRESHOLD VOLTAGE Don't Care >2/3(V+) <2/3(V+) Don't Care
TRIGGER VOLTAGE Don't Care >1/3(V+) >1/3(V+) <1/3(V+)
RESET Low High High High
OUTPUT Low Low Stable High
DISCHARGE SWITCH On On Stable Off
NOTE: RESET will dominate all other inputs: TRIGGER will dominate over THRESHOLD.
3
ICM7555, ICM7556 Schematic Diagram
VDD P P R P P
THRESHOLD N CONTROL VOLTAGE N R OUTPUT P TRIGGER P NPN
R N N N N N N N GND
RESET R = 100k 20% (TYP)
DISCHARGE
Application Information
General
The ICM7555/6 devices are, in most instances, direct replacements for the NE/SE 555/6 devices. However, it is possible to effect economies in the external component count using the ICM7555/6. Because the bipolar 555/6 devices produce large crowbar currents in the output driver, it is necessary to decouple the power supply lines with a good capacitor close to the device. The 7555/6 devices produce no such transients. See Figure 1.
500 TA = 25oC SUPPLY CURRENT (mA) 400
The ICM7555/6 produces supply current spikes of only 2mA - 3mA instead of 300mA - 400mA and supply decoupling is normally not necessary. Also, in most instances, the CONTROL VOLTAGE decoupling capacitors are not required since the input impedance of the CMOS comparators on chip are very high. Thus, for many applications 2 capacitors can be saved using an ICM7555, and 3 capacitors with an ICM7556. POWER SUPPLY CONSIDERATIONS Although the supply current consumed by the ICM7555/6 devices is very low, the total system supply current can be high unless the timing components are high impedance. Therefore, use high values for R and low values for C in Figures 2 and 3.
VDD
300 SE/NE555 200 TRIGGER 2 100 0 RESET ICM7555/56 0 200 400 TIME (ns) 600 800 R C OUTPUT VDD 3 4 6 5 7 GND 1 8 VDD
10K ALTERNATE OUTPUT
DISCHARGE THRESHOLD
CONTROL VOLTAGE OPTIONAL CAPACITOR
FIGURE 1. SUPPLY CURRENT TRANSIENT COMPARED WITH A STANDARD BIPOLAR 555 DURING AN OUTPUT TRANSITION
FIGURE 2A. ASTABLE OPERATION
4
ICM7555, ICM7556
VDD 1 2 OUTPUT VDD 3 4 8 7 6 5 RB OUTPUT RESET C OPTIONAL CAPACITOR VDD 18V TRIGGER 1 2 ICM7555 3 4 6 5 OPTIONAL CAPACITOR 8 7 DISCHARGE THRESHOLD CONTROL VOLTAGE C
RA
tOUTPUT = -ln
(1/3) RAC = 1.1RAC
VDD RA
FIGURE 2B. ALTERNATE ASTABLE CONFIGURATION
OUTPUT DRIVE CAPABILITY The output driver consists of a CMOS inverter capable of driving most logic families including CMOS and TTL. As such, if driving CMOS, the output swing at all supply voltages will equal the supply voltage. At a supply voltage of 4.5V or more the ICM7555/6 will drive at least 2 standard TTL loads. ASTABLE OPERATION The circuit can be connected to trigger itself and free run as a multivibrator, see Figure 2A. The output swings from rail to rail, and is a true 50% duty cycle square wave. (Trip points and output swings are symmetrical). Less than a 1% frequency variation is observed, over a voltage range of +5V to +15V.
1 f = ----------------1.4 RC
FIGURE 3. MONOSTABLE OPERATION
CONTROL VOLTAGE The CONTROL VOLTAGE terminal permits the two trip voltages for the THRESHOLD and TRIGGER internal comparators to be controlled. This provides the possibility of oscillation frequency modulation in the astable mode or even inhibition of oscillation, depending on the applied voltage. In the monostable mode, delay times can be changed by varying the applied voltage to the CONTROL VOLTAGE pin. RESET The RESET terminal is designed to have essentially the same trip voltage as the standard bipolar 555/6, i.e., 0.6V to 0.7V. At all supply voltages it represents an extremely high input impedance. The mode of operation of the RESET function is, however, much improved over the standard bipolar 555/6 in that it controls only the internal flip-flop, which in turn controls simultaneously the state of the OUTPUT and DISCHARGE pins. This avoids the multiple threshold problems sometimes encountered with slow falling edges in the bipolar devices.
The timer can also be connected as shown in Figure 2B. In this circuit, the frequency is:
f = 1.44 ( R A + 2R B ) C
The duty cycle is controlled by the values of RA and RB, by the equation:
D = ( R + R ) ( R + 2R ) A B A B
MONOSTABLE OPERATION In this mode of operation, the timer functions as a one-shot, see Figure 3. Initially the external capacitor (C) is held discharged by a transistor inside the timer. Upon application of a negative TRIGGER pulse to pin 2, the internal flip-flop is set which releases the short circuit across the external capacitor and drives the OUTPUT high. The voltage across the capacitor now increases exponentially with a time constant t = RAC. When the voltage across the capacitor equals 2/3 V+, the comparator resets the flip-flop, which in turn discharges the capacitor rapidly and also drives the OUTPUT to its low state. TRIGGER must return to a high state before the OUTPUT can return to a low state.
5
ICM7555, ICM7556 Typical Performance Curves
1200 SUPPLY CURRENT (ICM7555) (A) 1100 MINIMUM PULSE WIDTH (ns) 1000 900 800 700 600 500 400 300 200 100 0 0 10 20 30 40 LOWEST VOLTAGE LEVEL OF TRIGGER PULSE (%VDD) VDD = 5V VDD = 18V VDD = 2V TA = 25oC 200 180 160 140 120 100 80 60 40 20 0 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V) TA = 70oC TA = -20oC TA = 25oC 400 SUPPLY CURRENT (ICM7556) (A) 10.0 10.0 360 320 280 240 200 160 120 80 40 0
FIGURE 4. MINIMUM PULSE WIDTH REQUIRED FOR TRIGGERING
FIGURE 5. SUPPLY CURRENT vs SUPPLY VOLTAGE
-0.1 OUTPUT SOURCE CURRENT (mA) TA = 25oC OUTPUT SINK CURRENT (mA)
100 TA = -20oC
VDD = 2V -1.0 VDD = 5V
10.0
VDD = 18V
VDD = 5V
VDD = 2V 1.0
-10.0 VDD = 18V
-100 -10
-1.0 -0.1 OUTPUT VOLTAGE REFERENCED TO VDD (V)
-0.01
0.1 0.01
0.1
1.0
OUTPUT LOW VOLTAGE (V)
FIGURE 6. OUTPUT SOURCE CURRENT vs OUTPUT VOLTAGE
FIGURE 7. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
100 TA = 25 oC OUTPUT SINK CURRENT (mA) VDD = 18V 10.0 VDD = 5V OUTPUT SINK CURRENT (mA)
100 TA = 70oC
VDD = 18V 10.0 VDD = 5V
VDD = 2V 1.0
VDD = 2V 1.0
0.1 0.01
0.1 1.0 OUTPUT LOW VOLTAGE (V)
10.0
0.1 0.01
0.1
1.0
OUTPUT LOW VOLTAGE (V)
FIGURE 8. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
FIGURE 9. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
6
ICM7555, ICM7556 Typical Performance Curves
NORMALIZED FREQUENCY DEVIATION (%) 8 TA = 25oC DISCHARGE SINK CURRENT (mA) 6 4 2 0 2 4 6 8 0.1 1.0 10.0 100.0 RA = RB = 10M C = 100pF
(Continued)
100 TA = 25oC VDD = 18V 10.0 VDD = 2V VDD = 5V
RA = RB = 10k C = 0.1F
1.0
SUPPLY VOLTAGE (V)
0.1 0.01
0.1 1.0 DISCHARGE LOW VOLTAGE (V)
10.0
FIGURE 10. NORMALIZED FREQUENCY STABILITY IN THE ASTABLE MODE vs SUPPLY VOLTAGE
600 VDD = 5V PROPAGATION DELAY (ns) 500
FIGURE 11. DISCHARGE OUTPUT CURRENT vs DISCHARGE OUTPUT VOLTAGE
NORMALIZED FREQUENCY DEVIATION (%) +1.0 +0.9 +0.8 +0.7 +0.6 +0.5 +0.4 +0.3 +0.2 +0.1 0 -0.1 -20 0 20 40 60 80 TEMPERATURE (oC) VDD = 2V VDD = 2V VDD = 18V VDD = 5V RA = RB = 10k C = 0.1F
400 300 200 100 0 0 10 20 30 40 LOWEST VOLTAGE LEVEL OF TRIGGER PULSE (%VDD) TA = 70oC TA = 25oC TA = -20oC
FIGURE 12. PROPAGATION DELAY vs VOLTAGE LEVEL OF TRIGGER PULSE
1.0 100m 10m CAPACITANCE (F) 1m 100 10 1 100n 10n 1n 100p 10p 1p 0.1 TA = 25oC (RA + 2RB) 1k 10k 100k 1M 10M 100M
FIGURE 13. NORMALIZED FREQUENCY STABILITY IN THE ASTABLE MODE vs TEMPERATURE
1.0 100m 10m CAPACITANCE (F) 1m 100 10 1 100n 10n 1n 100p 10p 1p 100n 1k 10k 100k 1M 10M 100M TA = 25oC RA
1
10
100
1K
10K
100K
1M
10M
1
10
100
1m
10m 100m
1
10
FREQUENCY (Hz)
TIME DELAY (s)
FIGURE 14. FREE RUNNING FREQUENCY vs RA, RB AND C
FIGURE 15. TIME DELAY IN THE MONOSTABLE MODE vs RA AND C
7
ICM7555, ICM7556 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497
MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574
A1 B C D E

A1 0.10(0.004) C
e H h L N
0.050 BSC 0.2284 0.0099 0.016 8 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 8 0o 6.20 0.50 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
8
ICM7555, ICM7556 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2
E8.3 (JEDEC MS-001-BA ISSUE D)
8 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL
-B-
MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 9.01 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 10.16 8.25 7.11 NOTES 4 4 8, 10 5 5 6 5 6 7 4 9 Rev. 0 12/93
MIN 0.015 0.115 0.014 0.045 0.008 0.355 0.005 0.300 0.240
MAX 0.210 0.195 0.022 0.070 0.014 0.400 0.325 0.280
-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
A A1 A2 B B1 C D D1 E
-C-
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
E1 e eA eB L N
0.100 BSC 0.300 BSC 0.115 8 0.430 0.150 -
2.54 BSC 7.62 BSC 10.92 3.81 8
2.93
9
ICM7555, ICM7556 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2
E14.3 (JEDEC MS-001-AA ISSUE D) 14 LEAD DUAL-IN-LINE PLASTIC PACKAGE
INCHES SYMBOL MIN 0.015 0.115 0.014 0.045 0.008 0.735 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 0.775 0.325 0.280 MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 18.66 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 19.68 8.25 7.11 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93
-B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
A A1 A2 B B1 C D D1 E
-C-
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 1.14mm).
E1 e eA eB L N
0.100 BSC 0.300 BSC 0.115 14 0.430 0.150 -
2.54 BSC 7.62 BSC 10.92 3.81 14
2.93
10
ICM7555, ICM7556 Ceramic Dual-In-Line Frit Seal Packages (CERDIP)
c1 -A-DBASE METAL E b1 M -Bbbb S BASE PLANE SEATING PLANE S1 b2 b ccc M C A - B S AA C A-B S D Q -CA L DS M (b) SECTION A-A (c) LEAD FINISH
F14.3 MIL-STD-1835 GDIP1-T14 (D-1, CONFIGURATION A) 14 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE
INCHES SYMBOL A b b1 b2 b3 c MIN 0.014 0.014 0.045 0.023 0.008 0.008 0.220 MAX 0.200 0.026 0.023 0.065 0.045 0.018 0.015 0.785 0.310 MILLIMETERS MIN 0.36 0.36 1.14 0.58 0.20 0.20 5.59 MAX 5.08 0.66 0.58 1.65 1.14 0.46 0.38 19.94 7.87 NOTES 2 3 4 2 3 5 5 6 7 2, 3 8 Rev. 0 4/94
eA
c1 D E e eA eA/2 L Q S1
e
DS
eA/2
c
0.100 BSC 0.300 BSC 0.150 BSC 0.125 0.015 0.005 90o 14 0.200 0.060 105o 0.015 0.030 0.010 0.0015
2.54 BSC 7.62 BSC 3.81 BSC 3.18 0.38 0.13 90o 14 5.08 1.52 105o 0.38 0.76 0.25 0.038
aaa M C A - B S D S
NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. 2. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. 4. Corner leads (1, N, N/2, and N/2+1) may be configured with a partial lead paddle. For this configuration dimension b3 replaces dimension b2. 5. This dimension allows for off-center lid, meniscus, and glass overrun. 6. Dimension Q shall be measured from the seating plane to the base plane. 7. Measure dimension S1 at all four corners. 8. N is the maximum number of terminal positions. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH.
aaa bbb ccc M N
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11


▲Up To Search▲   

 
Price & Availability of ICM7555CBA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X